Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CZTA42 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza CZTA42
Descripción Electrónicos  SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZTA42 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZTA42_15 Datasheet HTML 1Page - Central Semiconductor Corp CZTA42_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZTA42 NPN
CZTA92 PNP
SURFACE MOUNT
COMPLEMENTARY
HIGH VOLTAGE
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA42, CZTA92
types are complementary surface mount epoxy molded
silicon planar epitaxial transistors designed for high
voltage applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CZTA42
CZTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CZTA42
CZTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
UNITS
ICBO
VCB=200V
-
100
-
250
nA
IEBO
VBE=6.0V
-
100
-
-
nA
IEBO
VBE=3.0V
-
-
-
100
nA
BVCBO
IC=100µA
300
-
300
-
V
BVCEO
IC=1.0mA
300
-
300
-
V
BVEBO
IE=100µA
6.0
-
5.0
-
V
VCE(SAT)
IC=20mA, IB=2.0mA
-
0.5
-
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
-
0.9
-
0.9
V
hFE
VCE=10V, IC=1.0mA
25
-
25
-
hFE
VCE=10V, IC=10mA
40
-
40
-
hFE
VCE=10V, IC=30mA
40
-
25
-
fT
VCE=20V, IC=10mA, f=100MHz
50
-
50
-
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
-
3.0
-
6.0
pF
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com


Número de pieza similar - CZTA42_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CZTA42 CENTRAL-CZTA42_10 Datasheet
533Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Descripción similar - CZTA42_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CZTA42 CENTRAL-CZTA42_10 Datasheet
533Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42_15 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_15 Datasheet
327Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMLT5554 CENTRAL-CMLT5554_10 Datasheet
582Kb / 2P
   SURFACE MOUNT DUAL,COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMLT5554 CENTRAL-CMLT5554 Datasheet
92Kb / 2P
   SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com