Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD1LB500 Datasheet(PDF) 2 Page - Rohm

No. de pieza BD1LB500
Descripción Electrónicos  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500 Datasheet(HTML) 2 Page - Rohm

  BD1LB500 Datasheet HTML 1Page - Rohm BD1LB500 Datasheet HTML 2Page - Rohm BD1LB500 Datasheet HTML 3Page - Rohm BD1LB500 Datasheet HTML 4Page - Rohm BD1LB500 Datasheet HTML 5Page - Rohm BD1LB500 Datasheet HTML 6Page - Rohm BD1LB500 Datasheet HTML 7Page - Rohm BD1LB500 Datasheet HTML 8Page - Rohm BD1LB500 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Datasheet
Datasheet
2/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・15・001
Pin Descriptions
Pin No.
Symbol
Function
1
IN
Input terminal; a pull down resistor is connected internally.
2
ST
Self-diagnostic output terminal; outputs “L” at detection of overcurrent, at open (IN=0V),
and in the overheat state. See the truth table. It is structured as COMS inverter output
circuit.
3,4
SOURCE
(GND)
Ground terminal
5,6
DRAIN
Output terminal; limits output current to protect IC when load is short-circuited and current
exceeding the overcurrent detection value (0.8A Min) flows to the output terminal.
7
N.C.
No Connect pin
8
VDD
Power supply terminal
Cooling Tab
(1)
TAB
The heat radiation metal on the substrate is connected to the IC sub. Therefore, connect
Cooling Tab to the external GND electrical potential (for HTSOP-J8 only).
(1)MSOP8 does not have Cooling Tab.
Pin Configurations
Product Name
PKG
TSD function
ON resistance
(25°C,Typ)
BD1LB500EFJ-C
HTSOP-J8
Self-restart
350mΩ
BD1LB500FVM-C
MSOP8


Número de pieza similar - BD1LB500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

Descripción similar - BD1LB500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com