Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2068FJ-M Datasheet(PDF) 9 Page - Rohm

No. de pieza BD2068FJ-M
Descripción Electrónicos  Soft-Start Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2068FJ-M Datasheet(HTML) 9 Page - Rohm

Back Button BD2068FJ-M Datasheet HTML 5Page - Rohm BD2068FJ-M Datasheet HTML 6Page - Rohm BD2068FJ-M Datasheet HTML 7Page - Rohm BD2068FJ-M Datasheet HTML 8Page - Rohm BD2068FJ-M Datasheet HTML 9Page - Rohm BD2068FJ-M Datasheet HTML 10Page - Rohm BD2068FJ-M Datasheet HTML 11Page - Rohm BD2068FJ-M Datasheet HTML 12Page - Rohm BD2068FJ-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/22
BD2068FJ-M
BD2069FJ-M
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300030-1-2
7.Apr.2015 Rev.001
Typical Performance Curves - continued
Figure 19. Output Rise Time vs
Ambient Temperature
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
AMBIENT TEMPERATURE: TA(℃)
VIN=5V
Figure 18. Output Rise Time vs
Supply Voltage
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Figure 17. Short Circuit Current vs
Ambient Temperature
0
0.5
1
1.5
2
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Figure 16. Short Circuit Current vs
Supply Voltage
0
0.5
1
1.5
2
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Ambient Temperature: Ta(°C)
Ambient Temperature: Ta(°C)
Supply Voltage: VIN(V)
Supply Voltage: VIN(V)


Número de pieza similar - BD2068FJ-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BD206 MOTOROLA-BD206 Datasheet
89Kb / 2P
   10 AMPERE POWER TRANSISTOR PNP SILICON
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Descripción similar - BD2068FJ-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
   Soft start valve
4/1/22
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
   Programmable Soft-Start
logo
Festo Corporation.
529532 FESTO-529532 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
532042 FESTO-532042 Datasheet
85Kb / 2P
   Soft start valve
4/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com