Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3050LSS_15 Datasheet(Hoja de datos) 2 Page - Diodes Incorporated

No. de Pieza. DMP3050LSS_15
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 2 page
background image
DMP3050LSS
Document number: DS35647 Rev. 4 - 2
2 of 6
www.diodes.com
September 2012
© Diodes Incorporated
DMP3050LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage (Note 4)
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-4.8
-3.8
A
t<10s
TA = 25°C
TA = 70°C
ID
-6.3
-4.9
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-3.0
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-30
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = 25°C
PD
1.7
W
TA = 70°C
1.1
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
73
°C/W
t<10s
37
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-1.0
-
-2.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
36
45
VGS = -10V, ID = -6A
-
61
80
VGS = -4.5V, ID = -5A
Forward Transfer Admittance
|Yfs|
-
4.8
-
S
VDS = -10V, ID = -5.3A
Diode Forward Voltage
VSD
-
-0.7
-1.0
V
VGS = 0V, IS = -1.7A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
620
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
83
-
pF
Reverse Transfer Capacitance
Crss
-
62
-
pF
Gate resistance
Rg
-
10.8
-
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
5.1
-
nC
VDS = -15V, ID = -6A
Total Gate Charge (VGS = -10V)
Qg
-
10.5
-
nC
Gate-Source Charge
Qgs
-
1.8
-
nC
Gate-Drain Charge
Qgd
-
1.9
-
nC
Turn-On Delay Time
tD(on)
-
6.8
-
ns
VDD = -15V, VGS = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tr
-
4.9
-
ns
Turn-Off Delay Time
tD(off)
-
28.4
-
ns
Turn-Off Fall Time
tf
-
12.4
-
ns
Reverse Recovery Time
trr
-
14
-
ns
IF = 12A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
-
11
-
nC
Notes:
4. AEC-Q101 VGS maximum is ±20V
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl