Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DR65-0001 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza DR65-0001
Descripción Electrónicos  Quad Driver for GaAs FET Switches and Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

DR65-0001 Datasheet(HTML) 2 Page - Tyco Electronics

  DR65-0001 Datasheet HTML 1Page - Tyco Electronics DR65-0001 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quad Driver for GaAs FET Switches and Attenuators
DR65-0001
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 6.00
2
Absolute Maximum Ratings
Parameter
Absolute Maximum
VCC
- .5V to + 6.0 V
VEE
- 6.0 V to - .5 V
VCC - VEE
12 V
V IN
2
VCC + .5 V
V OUT
VEE - .5 V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
PIN
Function
PIN
Function
1
A3
9
C2
2
B3
10
C1
3
A4
11
GND
4
B4
12
GND
5
VEE
13
A1
6
VCC
14
B1
7
C4
15
A2
8
C3
16
B2
Pin Configuration
Symbol
Parameter
Test Conditions
Units
Min
Typ
Max
VIH
Input HIGH Voltage
Guaranteed HIGH Input Voltage
V
2.0
-
VIL
Input LOW Voltage
Guaranteed LOW Input Voltage
V
-
0.8
VOH
Output HIGH Voltage
IOH = -1 mA
VEE = Max
V
- 0.1
-
VOL
Output LOW Voltage
IOL = 1 mA
VEE = Max
V
VEE + 0.1
IIN
Input Current
VIN = VCC or GND
VEE = Min
µA
-10
0
10
ICC
Quiescent Supply Current
VCC = Max
VEE = Min
VIN = VCC or GND
µA
400
∆I
CC
Additional Supply Current, per TTL
Input pin
VCC = Max
VIN = VCC - 2.1V
mA
1.0
TPHL, TPLH
Propagation Delay
Guaranteed -40° C to + 85° C
nS
50
TTHL, TTLH
Output Transition Time
Guaranteed -40° C to + 85° C
nS
25
Delay Skew, Output A to Output B
Guaranteed -40° C to + 85° C
nS
8
AC & DC Characteristics Over Guaranteed Operating Range
See Switching Wave Forms for the definition of the switching
terms. Supplies must be by-passed with .01 µF Capacitors.
Unused inputs must be tied to Ground
Notes:
Switching Waveforms
TF
TR
TTLH
TTHL
TPLH
TPHL
1.3 V
90%
50%
10%
90%
10%
INPUT
C
VIN
GND
LOGIC 1
LOGIC 0
OUTPUT A
VOUT
OUTPUT B
VEE
Truth Table
Input
CX
AX
BX
0
VEE
GND
Outputs
1
GND
VEE
Part Number
Package
DR65-0001
Bulk Packaging
DR65-0001TR
Tape & Reel (1K Reel)
Ordering Information
2. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.


Número de pieza similar - DR65-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001 Datasheet
157Kb / 2P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
DR65-0001TR MA-COM-DR65-0001TR Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001_1 Datasheet
157Kb / 2P
   Quad Driver for GaAs FET Switches and Attenuators
More results

Descripción similar - DR65-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
SWD-119-PIN MA-COM-SWD-119-PIN Datasheet
80Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
SWD-119 MACOM-SWD-119 Datasheet
151Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com