Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002T Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 2N7002T
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002T Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002T_15 Datasheet HTML 1Page - Diodes Incorporated 2N7002T_15 Datasheet HTML 2Page - Diodes Incorporated 2N7002T_15 Datasheet HTML 3Page - Diodes Incorporated 2N7002T_15 Datasheet HTML 4Page - Diodes Incorporated 2N7002T_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N7002T
Document number: DS30301 Rev. 14 - 2
1 of 5
www.diodes.com
April 2012
© Diodes Incorporated
2N7002T
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = 25°C
60V
7.5
Ω @ VGS = 5V
115mA
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
DC-DC Converters
Power management functions
Battery Operated Systems and Solid-State Relays
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Totally Lead Free, Full RoHS Compliant (Note 1)
Halogen and Antimony Free. "Green" Device (Notes 2 and 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT523
Case Material: Molded Plastic. “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.002 grams (approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
2N7002T-7-F
Commercial
SOT523
3,000/Tape & Reel
2N7002T-13-F
Commercial
SOT523
10,000/Tape & Reel
2N7002TQ-7-F
Automotive
SOT523
3,000/Tape & Reel
2N7002TQ-13-F
Automotive
SOT523
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2005
2006
2007
2008
2009
2010
2011
2012
Code
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT523
Top View
Equivalent Circuit
Top View
Source
Gate
Drain
D
GS
72 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
72
YM


Número de pieza similar - 2N7002T_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
2N7002T SECOS-2N7002T_15 Datasheet
288Kb / 3P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Unisonic Technologies
2N7002T UTC-2N7002T_15 Datasheet
178Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Descripción similar - 2N7002T_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com