Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP32D9UFZ_15 Datasheet(Hoja de datos) 1 Page - Diodes Incorporated

No. de Pieza. DMP32D9UFZ_15
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 1 page
background image
DMP32D9UFZ
Document number: DS36842 Rev. 2 - 2
1 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMP32D9UFZ
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
-30V
5Ω @ VGS = -4.5V
-0.2A
6Ω @ VGS = -2.5V
7Ω @ VGS = -1.8V
10Ω @ VGS = -1.5V
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
General Purpose Interfacing Switch
Power Management Functions
Analog Switch
Features and Benefits
Low Package Profile, 0.42mm Maximum Package height
0.62mm x 0.62mm Package Footprint
Low On-Resistance
Very low Gate Threshold Voltage, 1.0V max
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X2-DFN0606-3
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu over Copper leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP32D9UFZ-7B
X2-DFN0606-3
10K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Equivalent Circuit
U2 = Product Type Marking Code
Top View
Bar Denotes Gate
and Source Side
Top View
Package Pin Configuration
ESD PROTECTED
e4




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl