Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP56D0UFB-7 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP56D0UFB-7
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP56D0UFB
Document number: DS36175 Rev. 3 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMP56D0UFB
0.0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
V
= 1.5V
GS
V
= 1.2V
GS
V
= 1.8V
GS
V
= 2.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
0
0.1
0.2
0.3
0.4
-V
, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristics
GS
V
= -5V
DS
T = 85°C
A
T = 150°C
A
T = 25°C
A
T = 125°C
A
T = -55°C
A
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
0.5
0.6
-I , DRAIN-SOURCE CURRENT (A)
Figure 3 Typical On-Resistnace vs.
Drain Current and Gate Voltage
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -4.0V
GS
V
= -8.0V
GS
0
1
2
3
4
5
6
7
8
9
0
0.1
0.2
0.3
0.4
0.5
0.6
-I , DRAIN CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
10
T = 150°C
A
V
= -4V
GS
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
Figure 5 On-Resistance Variation with Temperature
J
V
= -4V
I = -100mA
GS
D
V
= -2.5V
I = -100mA
GS
D
10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
Figure 6 On-Resistance Variation with Temperature
J
9
8
7
3
2
1
0
6
5
4
V
= -4V,
I = -100mA
GS
D
V
= -2.5V,
I = -100mA
GS
D




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl