Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP56D0UFB-7B Datasheet(Hoja de datos) 1 Page - Diodes Incorporated

No. de Pieza. DMP56D0UFB-7B
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 1 page
background image
DMP56D0UFB
Document number: DS36175 Rev. 3 - 2
1 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMP56D0UFB
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
-50V
6
Ω @ VGS = -4 V
-200mA
8
Ω @ VGS = -2.5V
-160mA
Description
This new generation MOSFET is designed to minimize the on-state
resistance
(RDS(on))
and
yet
maintain
superior
switching
performance, making it ideal for high efficiency power management
applications.
Applications
DC-DC Converters
Power Management Functions
Battery Operated Systems and Solid-State Relays
Features and Benefits
Low On-Resistance
ESD Protected Gate
Low Input/Output Leakage
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X1-DFN1006-3
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 NiPdAu over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP56D0UFB-7
X1-DFN1006-3
3,000/Tape & Reel
DMP56D0UFB-7B
X1-DFN1006-3
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
X1-DFN1006-3
Equivalent Circuit
Top View
Internal Schematic
Bottom View
D
S
G
Source
Gate
Protection
Diode
Gate
Drain
Body
Diode
ESD PROTECTED
Green
e4




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl