Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4393 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza 2N4393
Descripción Electrónicos  N-CHANNEL SILICON JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4393 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N4393 Datasheet HTML 1Page - Central Semiconductor Corp 2N4393 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4391
2N4392
2N4393
N-CHANNEL
SILICON JFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N4391 series
types are N-Channel silicon JFETs designed for analog
switching and chopper applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Drain Voltage
VGD
40
V
Gate-Source Voltage
VGS
40
V
Gate Current
IG
50
mA
Power Dissipation (TC=25°C)
PD
1.8
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N4391
2N4392
2N4393
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=20V
-
0.1
-
0.1
-
0.1
nA
IGSS
VGS=20V, TA=125°C
-
0.2
-
0.2
-
0.2
μA
IDSS
VDS=20V
50
150
25
75
5.0
30
mA
ID(OFF)
VDS=20V, VGS=12V
-
0.1
-
-
-
-
nA
ID(OFF)
VDS=20V, VGS=7.0V
-
-
-
0.1
-
-
nA
ID(OFF)
VDS=20V, VGS=5.0V
-
-
-
-
-
0.1
nA
ID(OFF)
VDS=20V, VGS=12V, TA=150°C
-
0.2
-
-
-
-
μA
ID(OFF)
VDS=20V, VGS=7.0V, TA=150°C
-
-
-
0.2
-
-
μA
ID(OFF)
VDS=20V, VGS=5.0V, TA=150°C
-
-
-
-
-
0.2
μA
BVGSS
IG=1.0μA
40
-
40
40
-
V
VGS(OFF)
VDS=20V, ID=1.0nA
4.0
10
2.0
5.0
0.5
3.0
V
VGS(f)
VDS=0, IG=1.0mA
-
1.0
-
1.0
-
1.0
V
VDS(ON)
ID=12mA
-
0.4
-
-
-
-
V
VDS(ON)
ID=6.0mA
-
-
-
0.4
-
-
V
VDS(ON)
ID=3.0mA
-
-
-
-
-
0.4
V
rDS(ON)
ID=1.0mA, VGS=0
-
30
-
60
-
100
rds(on)
VGS=0, ID=0, f=1.0kHz
-
30
-
60
-
100
Crss
VGS=12V, VDS=0, f=1.0MHz
-
3.5
-
-
-
-
pF
Crss
VGS=7.0V, VDS=0, f=1.0MHz
-
-
-
3.5
-
-
pF
Crss
VGS=5.0V, VDS=0, f=1.0MHz
-
-
-
-
-
3.5
pF
Ciss
VDS=20V, VGS=0, f=1.0MHz
-
14
-
14
-
14
pF
TO-18 CASE
R1 (30-January 2012)
www.centr a lsemi.com


Número de pieza similar - 2N4393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Micross Components
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
   Linear Systems replaces discontinued Siliconix
logo
Linear Integrated Syste...
2N4393 LINEAR-2N4393 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
logo
Calogic, LLC
2N4393 CALOGIC-2N4393 Datasheet
35Kb / 2P
   N-Channel JFET Switch
logo
List of Unclassifed Man...
2N4393 ETC1-2N4393 Datasheet
43Kb / 1P
   N-Channel JFETs
More results

Descripción similar - 2N4393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
   N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
   SILICON N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com