Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3160L-7 Datasheet(Hoja de datos) 2 Page - Diodes Incorporated

No. de Pieza. DMP3160L-7
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 2 page
background image
DMP3160L
Document number: DS31268 Rev. 8 - 2
2 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMP3160L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-2.7
-2
A
Pulsed Drain Current (Note 7)
IDM
-8
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
1.08
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
115
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-800
nA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
80
800
nA
VGS = 12V, VDS = 0V
VGS = 15V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.3
-1.8
-2.1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
97
165
122
190
mΩ
VGS = -10V, ID = -2.7A
VGS = -4.5V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
5.9
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage (Note 8)
VSD
-1.26
V
VGS = 0V, IS = -2.7A
DYNAMIC CHARACTERISTICS(Note 9)
Input Capacitance
Ciss
384.4
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
59.4
pF
Reverse Transfer Capacitance
Crss
52.8
pF
Gate Resistance
RG

17.1

VGS = 0V, VDS = 0V,
f = 1.0MHz
Total Gate Charge(VGS = -4.5V)
Qg

4.0

nC
VGS = -10V/-4.5V,
VDS = -15V, ID = -3A
Total Gate Charge(VGS = -10V)
Qg

8.2

nC
Gate-Source Charge
Qgs

0.9

nC
Gate-Drain Charge
Qgd

1.2

nC
Turn-On Delay Time
tD(on)

4.8

ns
VDS = -15V, VGS = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tr

7.3

ns
Turn-Off Delay Time
tD(off)

22.5

ns
Turn-Off Fall Time
tf

13.4

ns
Notes:
6. Device mounted on FR-4 PCB. t
≤10 sec.
7. Pulse width
≤10S, Duty Cycle ≤1%.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl