Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3160L-7 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMP3160L-7
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3160L-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3160L-7 Datasheet HTML 1Page - Diodes Incorporated DMP3160L-7 Datasheet HTML 2Page - Diodes Incorporated DMP3160L-7 Datasheet HTML 3Page - Diodes Incorporated DMP3160L-7 Datasheet HTML 4Page - Diodes Incorporated DMP3160L-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP3160L
Document number: DS31268 Rev. 8 - 2
3 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMP3160L
-V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Fig. 2 Typical Transfer Characteristics
-V , GATE SOURCE VOLTAGE (V)
GS
0
0.5
1
1.5
2
2.5
3
1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5
-V
= 5V
Pulsed
DS
-I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance vs. Drain Current and Gate Voltage
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
0.5
1
1.5
2
2.5
3
V
= -4.5V
GS
V
= -10V
GS
-I , DRAIN CURRENT (A)
Fig. 4
D
On-Resistance vs. Drain Current and Gate Voltage
0.1
0.14
0.18
0.22
0.26
0.3
0
0.5
1
1.5
2
2.5
3
V
= -4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T , AMBIENT TEMPERATURE (C)
A
Fig. 5 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50 -25
0
25
50
75
100
125 150
V
= -10V
I = -2.7A
GS
D
V
= -4.5V
I = -2.0A
GS
D
Fig. 6 Typical Capacitance
10
100
1,000
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
Ciss
Coss
Crss


Número de pieza similar - DMP3160L-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3160L-7 DIODES-DMP3160L-7 Datasheet
113Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3160L-7 DIODES-DMP3160L-7 Datasheet
449Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP3160L-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com