Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP4047SK3_15 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP4047SK3_15
Descripción  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP4047SK3
Document Number DS37317 Rev. 1 - 2
3 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP4047SK3
0
5
10
15
20
25
30
0
1
2
3
4
5
-V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2.Typical Transfer Characteristic
V
DS= -5.0V
-55
85
25
125
150
0
5
10
15
20
0.000
0.020
0.040
0.060
0.080
0.100
-V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4.Typical On-Resistance vs. Gate Voltage
V
GS=-4.4V
V
GS=-3.7V
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS= -10.0V,
I
D=-10.0A
V
GS= -4.5V,
I
D=-5.0A
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1.Typical Output Characteristic
V
GS=-2.0V
V
GS=-2.5V
V
GS=-3.0V
V
GS=-3.5V
V
GS=-10.0V
V
GS=-5.0V
V
GS=-4.5V
V
GS=-4.0V
0
0.03
0.06
0.09
0.12
0.15
0
2
4
6
8
10
12
14
16
18
20
-I
D, DRAIN-SOURCE CURRENT (A)
Figure 3.Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=-10.0V
V
GS=-4.5V
V
GS=-2.5V
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5.Typical On-Resistance vs. Drain Current and
Temperature
V
GS= -4.5V
-55
25
150
85
125




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl