Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP4047SK3_15 Datasheet(Hoja de datos) 4 Page - Diodes Incorporated

No. de Pieza. DMP4047SK3_15
Descripción  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 4 page
background image
DMP4047SK3
Document Number DS37317 Rev. 1 - 2
4 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP4047SK3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=-1mA
I
D=-250μA
0.1
1
10
100
1000
10000
0
1
2
3
4
5
6
7
8
9
10 11 12
-V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10.Typical Drain-Source Leakage Current vs.
Voltage
25
85
125
150
0
2
4
6
8
10
0
5
10
15
20
25
Qg, TOTAL GATE CHARGE (nC)
V
DS=-20V, ID=-4.9A
Figure 12.Gate Charge
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
-V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
A=-55℃
V
GS=0V,
T
A=25℃
V
GS=0V,
T
A=85℃
V
GS=0V,
T
A=125℃
V
GS=0V,
T
A=150℃
10
1000
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11.Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
0.02
0.04
0.06
0.08
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=-4.5V, ID=-5.0A
V
GS=-10.0V, ID=-10.0A




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl