Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DMP4065S-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de Pieza. DMP4065S-13
Descripción  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

DMP4065S-13 Datasheet(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP4065S
Document number: DS37646 Rev. 2 - 2
3 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMP4065S
0
3
6
9
12
15
0
1
2
3
4
5
Figure 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Vgs = -5.0V
Vgs = -10.0V
Vgs = -3.5V
Vgs = -3.0V
Vgs = -2.5V
Vgs = -2.0V
0
3
6
9
12
15
0
1
2
3
4
5
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
T =-55°C
A
T =25°C
A
T =150°C
A
T =125°C
A
T =85°C
A
V = -5V
DS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10
12
14
16
18
20
V
= -4.5
GS
V
= -10V
GS
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
2
4
6
8
10
12
14
16
18
20
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
ID = -4.2A
ID = -3.3A
V = -4.5V
DS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
3
6
9
12
15
I , DRAIN-CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T =-55°C
A
T =25°C
A
T =85°C
A
T =125°C
A
T =150°C
A
V
= -4.5V
GS
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
V
= -5V
GS
I = -5A
D
V
= -10V
GS
I
= -10A
D


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn