Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP6023LSS_15 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP6023LSS_15
Descripción  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP6023LSS
Document number: DS37198 Rev. 2 - 2
3 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP6023LSS
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
V
= -4.0V
GS
V
= -5.0V
GS
V
= -4.5V
GS
V
= -10V
GS
V
= -2.8V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V , GATE-SOURCE VOLTAGE (V)
gs
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vds=-5.0V
T = -55°C
A
T = -55°C
A
T = 85°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
I , DRAIN-SOURCE CURRENT
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0
5
10
15
20
25
30
V
= -4.5V
GS
V
= -10V
GS
I , DRAIN SOURCE CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
V
= -4.5V
GS
I = -5.0A
D
V
= -10V
GS
I
= -10A
D
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10
12
14
16
18
20
I
= -4.0A
D
I
= -5.0A
D




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl