Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP6110SSS_15 Datasheet(Hoja de datos) 1 Page - Diodes Incorporated

No. de Pieza. DMP6110SSS_15
Descripción  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 1 page
background image
DMP6110SSS
Document number: DS37217 Rev. 1 - 2
1 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMP6110SSS
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
-60V
110mΩ @ VGS = -10V
-4.5A
130mΩ @ VGS = -4.5V
-4.2A
Description and Applications
This MOSFET has been designed to minimize the on-state
resistance
(RDS(ON)) and
yet
maintain
superior
switching
performance, making it ideal for high efficiency power management
applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/ Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3 )
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
Weight: 0.072g (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP6110SSS-13
SO-8
2500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Chengdu A/T Site
Shanghai A/T Site
= Manufacturer’s Marking
P6110SS = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 14 = 2014)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
P6110SS
P6110SS
 
Top View
SO-8
D
S
S
S
G
D
D
D
Top View
Pin Configuration
Equivalent Circuit
D  
S  
G  
Pin1
e3




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl