Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMA3D0N20SA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KMA3D0N20SA
Descripción Electrónicos  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMA3D0N20SA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMA3D0N20SA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMA3D0N20SA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMA3D0N20SA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMA3D0N20SA_15 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 8. 17
1/4
SEMICONDUCTOR
TECHNICAL DATA
KMA3D0N20SA
N-Ch Trench MOSFET
Revision No : 2
General Description
This Trench MOSFET has better characteristics, such as fast switching
time, low on resistance, low gate charge and excellent avalanche
characteristics. It is mainly suitable for portable equipment.
FEATURES
・V
DSS=20V, ID=3A
・Drain to Source on-state Resistance
RDS(ON)=55mΩ(Max.) @ VGS=4.5V
RDS(ON)=110mΩ(Max.) @ VGS=2.5V
・Super Hige Dense Cell Design
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
Note1) Surface Mounted on 1
”×1”FR4 Board, t≤5sec.
PIN CONNECTION (TOP VIEW)
CHARACTERISTIC
SYMBOL
N-Ch
UNIT
Drain to Source Voltage
VDSS
20
V
Gate to Source Voltage
VGSS
±12
V
Drain Current
DC@Ta=25℃
(Note1)
ID
3
A
Pulsed
(Note1)
IDP
12
Drain Power Dissipation
Ta=25℃
(Note1)
PD
1.25
W
Ta=70℃
(Note1)
0.8
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Resistance, Junction to Ambient
(Note1)
RthJA
100
℃/W
2
3
1
GS
D
1
2
3
KNB


Número de pieza similar - KMA3D0N20SA_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KMA3D0N20SA KEC-KMA3D0N20SA_12 Datasheet
768Kb / 4P
   N-Ch Trench MOSFET
More results

Descripción similar - KMA3D0N20SA_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com