Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza BC817
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BC817 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BC817 Datasheet HTML 1Page - KEC(Korea Electronics) BC817 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 2. 19
1/2
SEMICONDUCTOR
TECHNICAL DATA
BC817
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 5
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Complementary to BC807.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification
16:100
~250 , 25:160~400 , 40:250~630
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=20V, IE=0
-
-
0.1
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
μA
DC Current Gain (Note)
hFE(1)
VCE=1V, IC=100mA
100
-
630
hFE(2)
VCE=1V, IC=500mA
40
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.7
V
Base-Emitter Voltage
VBE
VCE=1V, IC=500mA
-
-
1.2
V
Transition Frequency
fT
VCE=5V, IC=10mA, f=100MHz
100
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
5
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
800
mA
Emitter Current
IE
-800
mA
Collector Power Dissipation
PC*
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
TYPE
BC817-16
BC817-25
BC817-40
MARK
6A
6B
6C
* : Package Mounted On 99.9% Alumina 10
×8×0.6mm.
MARK SPEC
Type Name
Marking
Lot No.


Número de pieza similar - BC817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Shunye Enterprise
BC817 SHUNYE-BC817 Datasheet
91Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Dongguan Pingjingsemi T...
BC817 PJSEMI-BC817 Datasheet
366Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC817 KEC-BC817 Datasheet
42Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - BC817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com