Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMLC6.5C-2 Datasheet(PDF) 1 Page - Protek Devices |
|
SMLC6.5C-2 Datasheet(HTML) 1 Page - Protek Devices |
1 / 9 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05105.R9 10/12 Page 1 SMLC6.5C-2 - SMLC12C-2 high PoweRed MULTi-LiNe Low CaPaCiTaNCe TVS aRRaY deSCRiPTioN The SMLCxxC-2 Series are high powered multi-line low capacitance transient voltage suppressor arrays that provide board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switching transients. This series has a peak pulse power rating of 400 Watts for an 10/1000µs waveshape. This device series meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements. FeaTUReS • Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV • Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns • Compatible with IEC 61000-4-5 (Surge): 100A (Applies to 6.5V Only) • 400 Watts Peak Pulse Power per Line (tp = 10/1000µs) • 3,900 Watts Peak Pulse Power per Line (tp = 8/20µs) • ITKU.20 I PP @ 40A (5/310µs) - (Applies to 6.5V Only) • Bidirectional Configuration • High Surge Capability • Available in Multiple Voltages • Protects 2 Bidirectional Lines • Low Capacitance < 30pF per Line Pair • RoHS Compliant • REACH Compliant MeChaNiCaL ChaRaCTeRiSTiCS • Molded JEDEC SO-16 Package • Approximate Weight: 0.15 grams • Lead-Free Pure-Tin Plating (Annealed) • Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270°C • 16mm Tape and Reel Per EIA Standard 481 • Flammability Rating UL 94V-0 aPPLiCaTioNS • T1/E1 • RS-422, RS-423 & RS-485 • SDH/SONET, ATM Equipment & Systems • Industrial Control and Monitoring • Cable Modem Intra-Building Protection • Customer Premise Equipment (CPE) PiN CoNFigURaTioN So-16 PaCkage 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 |
Número de pieza similar - SMLC6.5C-2_12 |
|
Descripción similar - SMLC6.5C-2_12 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |