Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2974 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

No. de pieza 2SK2974
Descripción Electrónicos  RF POWER MOS FET(VHF/UHF power amplifiers)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

2SK2974 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  2SK2974 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 2SK2974 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 2SK2974 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2974
MITSUBISHI RF POWER MOS FET
Nov. ´97
OUTLINE DRAWING
Dimensions in mm
1 : DRAIN
2 : SOURCE
3 : GATE
MARKING
2
3
3.50
1
t=1.2MAX
(BOTTOM)
(TOP)
4.9
INDEX MARK
2.0
DESCRIPTION
2SK2974 is a MOS FET type transistor specifically designed for
VHF/UHF power amplifiers applications.
FEATURES
• High power gain:Gpe
≥8.4dB
@VDD=7.2V,f=450MHz,Pin=30dBm
• High efficiency:55% typ.
• Source case type seramic package
(connected internally to source)
APPLICATION
For drive stage and output stage of power amplifiers in VHF/UHF
band portable radio sets.
Typ
Max
Min
Limits
Parameter
Test conditions
Symbol
Parameter
Ratings
175
VDSS
VGSS
Pch
Tj
Tstg
Unit
Drain to source voltage
Gate to source voltage
Channel dissipation
Junction temperature
Storage temperature
17
±10
10
-40 to +110
V
V
W
˚C
ABSOLUTE MAXIMUM RATINGS (TC=25˚C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC=25˚C, unless otherwise noted)
Symbol
Unit
IDSS
IGSS
VTH
Ciss
Coss
hD
Pout
Threshold voltage
Note: Above parameters,ratings,limits and conditions are subject to change.
VDS=17V, VGS=0V
55
10
1
1.7
µA
µA
V
%
1.0
Note1: Above parameters are guaranteed independently.
VGS=10V, VDS=0V
VDS=7V, IDS=1mA
VGS=10V, VDS=0V,f=1MHz
VDS=10V, VGS=0V,f=1MHz
VDS=7.2V, Pin=1W,f=450MHz
7
50
8
95
90
pF
pF
W
Conditions
Tc=25˚C
(Note2)
˚C
2: Solder source pad on Copper Block(14
×2.8×2mm)
TYPE No.
LOT No.
INDEX
MARK


Número de pieza similar - 2SK2974

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK2972 TOSHIBA-2SK2972 Datasheet
164Kb / 2P
   HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Sanyo Semicon Device
2SK2976 SANYO-2SK2976 Datasheet
108Kb / 4P
   DC-DC Converter Applications
2SK2977 SANYO-2SK2977 Datasheet
42Kb / 4P
   DC/DC Converter Applications
More results

Descripción similar - 2SK2974

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
logo
NXP Semiconductors
MHW2821-1 NXP-MHW2821-1 Datasheet
204Kb / 6P
   UHF Silicon FET Power Amplifiers
Rev 2
CA901 NXP-CA901 Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
logo
Motorola, Inc
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
   The RF Line VHF Power Amplifiers
logo
Sanyo Semicon Device
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
   RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
Hitachi Semiconductor
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com