Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTA1705 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KTA1705
Descripción Electrónicos  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1705 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1705_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1705_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 7. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1705
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
AUDIO AMPLIFIER, VOLTAGE REGULATOR
DC-DC CONVERTER, RELAY DRIVER
FEATURES
・Low Saturation Voltage.
: VCE(sat)≦-0.8V (IC=-2A, IB=-0.2A)
・Excellent h
FE Linearity and high hFE.
: hFE:70~240 (VCE=-2V, IC=-0.5A)
・Complementary to KTC2804.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification
O:70
~140 , Y:120~240
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-3
A
Emitter Current
IE
3
A
Collector Power
Dissipation
Ta=25
PC
1.5
W
Tc=25
PC
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-20V, IE=0
-
-
-1.0
μA
Emitter Cut-off Current
IEBO
VEB=-5.0V, IC=0
-
-
-1.0
μA
DC Current Gain
hFE(1) (Note)
VCE=-2.0V, IC=-0.5A
70
-
240
hFE(2)
VCE=-2.0V, IC=-2.5A
25
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2.0A, IB=-0.2A
-
-0.3
-0.8
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-2A, IB=-0.5A
-
-0.75
-1.0
V
Gain Bandwidth Product
fT
VCE=-2V, IC=-0.5A
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
40
-
pF


Número de pieza similar - KTA1705_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
More results

Descripción similar - KTA1705_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com