Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTA1759 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KTA1759
Descripción Electrónicos  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1759 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1759 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1759 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1759
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH VOLTAGE APPLICATION.
FEATURES
・High Breakdown Voltage.
MAXIMUM RATING (Ta=25℃)
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
0.5+0.10/-0.05
SOT-89
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
12
3
F
D
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
*Pulse Test : Pulse Width≦300μ
S, Duty Cycle≦2%
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-100
mA
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Type Name
Marking
Lot No.
PC* : Mounted on Ceramic Substrate (250㎜2×0.85)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-50μA, IE=0
-400
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-400
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-50μA, IC=0
-7.0
-
-
V
Collector Cut off Current
ICBO
VCB=-400V, IE=0
-
-
-10
μ
A
Emitter Cutoff Current
IEBO
VEB=-6V, IC=0
-
-
-10
μ
A
DC Current Gain
*
hFE
VCE=-10V, IC=-10mA
50
-
300
Collector-Emitter Saturation Voltage
*
VCE(sat)2
IC=-20mA, IB=-2mA
-
-
-0.5
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=-20mA, IB=-2mA
-
-
-1.5
V


Número de pieza similar - KTA1759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Inchange Semiconductor ...
KTA1700 ISC-KTA1700 Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistor
logo
KEC(Korea Electronics)
KTA1700 KEC-KTA1700_15 Datasheet
87Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1703 KEC-KTA1703 Datasheet
340Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE, DC-DC CONVERTER, LOW POWER SWITCHING REGULATOR)
KTA1703 KEC-KTA1703_15 Datasheet
703Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Descripción similar - KTA1759

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com