Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF173 Datasheet(PDF) 6 Page - Tyco Electronics

No. de pieza MRF173
Descripción Electrónicos  N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF173 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF173 Datasheet HTML 1Page - Tyco Electronics MRF173 Datasheet HTML 2Page - Tyco Electronics MRF173 Datasheet HTML 3Page - Tyco Electronics MRF173 Datasheet HTML 4Page - Tyco Electronics MRF173 Datasheet HTML 5Page - Tyco Electronics MRF173 Datasheet HTML 6Page - Tyco Electronics MRF173 Datasheet HTML 7Page - Tyco Electronics MRF173 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Table 1. Common Source S–Parameters (VDS = 12.5 V, ID = 4 A) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
∠ φ
|S22|
∠ φ
|S12|
∠ φ
|S21|
∠ φ
|S11|
450
0.932
173
0.45
29
0.079
75
0.924
170
460
0.932
172
0.44
30
0.082
71
0.938
167
470
0.933
172
0.42
30
0.081
73
0.908
168
480
0.931
172
0.42
29
0.086
72
0.933
168
490
0.931
171
0.41
28
0.089
72
0.926
167
500
0.931
171
0.41
27
0.092
71
0.936
167
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 4 A)
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
30
0.840
–163
11.48
92
0.016
20
0.718
–169
40
0.849
–167
8.80
86
0.017
22
0.713
–174
50
0.853
–170
6.99
82
0.017
24
0.748
–174
60
0.854
–171
5.92
79
0.017
23
0.746
–175
70
0.859
–172
5.00
74
0.018
25
0.746
–175
80
0.859
–174
4.29
73
0.018
30
0.741
–174
90
0.861
–174
3.77
71
0.019
38
0.735
–174
100
0.866
–175
3.39
67
0.018
40
0.768
–176
110
0.865
–175
3.12
64
0.018
41
0.782
–177
120
0.871
–176
2.75
63
0.019
42
0.794
–175
130
0.875
–176
2.49
60
0.021
45
0.783
–172
140
0.877
–177
2.31
59
0.023
51
0.776
–175
150
0.883
–177
2.10
56
0.023
55
0.806
–176
160
0.884
–177
1.99
53
0.023
58
0.807
–176
170
0.886
–178
1.82
51
0.023
61
0.806
–176
180
0.890
–178
1.66
49
0.025
59
0.820
–175
190
0.891
–179
1.62
48
0.027
60
0.815
–176
200
0.896
–179
1.47
46
0.030
63
0.819
–177
210
0.898
–179
1.41
43
0.031
67
0.842
–178
220
0.901
–179
1.36
41
0.032
70
0.855
–178
230
0.905
–180
1.22
38
0.033
70
0.906
–178
240
0.906
–180
1.19
38
0.034
67
0.845
–178
250
0.909
180
1.11
39
0.037
68
0.831
–178
260
0.913
180
1.03
37
0.038
70
0.837
–180
270
0.912
179
0.10
35
0.041
72
0.859
179
280
0.916
179
0.93
34
0.042
74
0.876
178
290
0.918
179
0.88
31
0.041
73
0.865
179
300
0.919
178
0.87
31
0.044
74
0.837
–180
310
0.922
178
0.83
31
0.046
74
0.863
180
320
0.922
178
0.80
27
0.051
73
0.879
177
330
0.924
177
0.75
26
0.054
74
0.878
176
340
0.926
177
0.74
27
0.053
74
0.897
177
350
0.926
177
0.71
24
0.054
77
0.879
179
6
REV 10


Número de pieza similar - MRF173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173 NJSEMI-MRF173 Datasheet
103Kb / 2P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF173CQ MOTOROLA-MRF173CQ Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
More results

Descripción similar - MRF173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com