Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF177 Datasheet(PDF) 6 Page - Tyco Electronics

No. de pieza MRF177
Descripción Electrónicos  N-CHANNEL BROADBAND RF POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOTE: S–Parameter data represents measurements taken from one chip only.
Table 1. Common Source S–Parameters (VDS = 24 V, ID = 0.4 A)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
30
0.797
–154
12.40
88
0.029
2
0.756
–159
40
0.739
–161
9.06
89
0.027
8
0.702
–165
50
0.749
–164
6.84
85
0.026
7
0.707
–168
60
0.770
–163
6.06
80
0.027
3
0.754
–168
70
0.790
–164
5.40
73
0.027
–1
0.776
–168
80
0.800
–166
4.60
70
0.026
–1
0.777
–168
90
0.808
–167
3.94
67
0.025
–1
0.795
–168
100
0.816
–168
3.47
64
0.024
–1
0.809
–169
110
0.816
–169
3.14
62
0.023
1
0.809
–169
120
0.815
–170
2.76
61
0.022
6
0.794
–169
130
0.821
–171
2.45
59
0.021
12
0.799
–170
140
0.828
–171
2.27
56
0.022
18
0.806
–169
150
0.836
–171
2.10
53
0.028
25
0.805
–169
160
0.861
–172
1.96
51
0.032
–6
0.823
–168
170
0.863
–173
1.77
49
0.020
–4
0.836
–166
180
0.869
–173
1.63
46
0.018
5
0.881
–169
190
0.872
–174
1.52
44
0.017
14
0.894
–169
200
0.873
–175
1.41
43
0.017
25
0.888
–171
210
0.877
–176
1.28
42
0.018
36
0.877
–171
220
0.880
–176
1.18
41
0.019
46
0.868
–171
230
0.881
–177
1.15
38
0.024
51
0.926
–173
240
0.877
–178
1.09
35
0.031
56
0.893
–174
250
0.857
–180
1.04
33
0.049
55
0.903
–173
260
0.758
–178
0.95
31
0.090
24
0.903
–172
270
0.862
–171
0.87
31
0.056
–33
0.933
–173
280
0.902
–174
0.85
32
0.027
–39
0.949
–174
290
0.913
–176
0.77
30
0.017
–28
0.891
–175
300
0.919
–177
0.72
30
0.012
–8
0.894
–175
310
0.922
–178
0.71
28
0.012
11
0.913
–175
320
0.925
–178
0.67
26
0.012
28
0.896
–175
330
0.927
–179
0.64
24
0.012
40
0.929
–176
340
0.929
–179
0.62
24
0.013
46
0.925
–179
350
0.931
–180
0.58
24
0.015
52
0.942
–174
360
0.934
180
0.55
24
0.017
55
0.944
–176
370
0.937
179
0.52
23
0.019
61
0.944
–176
380
0.940
179
0.49
21
0.020
68
0.919
–175
390
0.941
178
0.45
22
0.020
69
0.938
–177
400
0.942
178
0.46
18
0.021
73
0.920
–173
410
0.941
177
0.45
19
0.023
67
0.961
–178
420
0.943
177
0.44
18
0.026
67
0.945
–178
430
0.945
176
0.41
16
0.029
70
0.959
–179
6
REV 9


Número de pieza similar - MRF177

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
   The RF MOSFET Line
More results

Descripción similar - MRF177

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com