Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7321D2PBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF7321D2PBF
Descripción Electrónicos  Ideal For Buck Regulator Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7321D2PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7321D2PBF Datasheet HTML 1Page - International Rectifier IRF7321D2PBF Datasheet HTML 2Page - International Rectifier IRF7321D2PBF Datasheet HTML 3Page - International Rectifier IRF7321D2PBF Datasheet HTML 4Page - International Rectifier IRF7321D2PBF Datasheet HTML 5Page - International Rectifier IRF7321D2PBF Datasheet HTML 6Page - International Rectifier IRF7321D2PBF Datasheet HTML 7Page - International Rectifier IRF7321D2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7321D2PbF
6
www.irf.com
Schottky Diode Characteristics
Fig. 13 - Typical Values of
Reverse Current Vs. Reverse Voltage
Fig.14 - Maximum Allowable Ambient
Temp. Vs. Forward Current
Fig. 12 - Typical Forward Voltage Drop
Characteristics
0.001
0.01
0.1
1
10
100
010
20
30
R
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
125°C
)
T = 150°C
J
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F(AV)
A
Average Forward Current - I
(A)
D = 3/4
D = 1/2
D =1/3
D = 1/4
D = 1/5
V = 80% Rated
R
= 62.5°C/W
Square wave
thJA
r
DC
Forward Voltage Drop - VF (V)


Número de pieza similar - IRF7321D2PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
More results

Descripción similar - IRF7321D2PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com