Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N4922G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2N4922G
Descripción Electrónicos  Medium-Power Plastic NPN Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4922G Datasheet(HTML) 2 Page - ON Semiconductor

  2N4922G Datasheet HTML 1Page - ON Semiconductor 2N4922G Datasheet HTML 2Page - ON Semiconductor 2N4922G Datasheet HTML 3Page - ON Semiconductor 2N4922G Datasheet HTML 4Page - ON Semiconductor 2N4922G Datasheet HTML 5Page - ON Semiconductor 2N4922G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N4921G, 2N4922G, 2N4923G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 0.1 Adc, IB = 0)
2N4921G
2N4922G
2N4923G
VCEO(sus)
40
60
80
Vdc
Collector Cutoff Current
(VCE = 20 Vdc, IB = 0)
2N4921G
(VCE = 30 Vdc, IB = 0)
2N4922G
(VCE = 40 Vdc, IB = 0)
2N4923G
ICEO
0.5
0.5
0.5
mAdc
Collector Cutoff Current
(VCE = Rated VCEO, VEB(off) = 1.5 Vdc)
(VCE = Rated VCEO, VEB(off) = 1.5 Vdc, TC = 125_C
ICEX
0.1
0.5
mAdc
Collector Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
0.1
mAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
40
30
10
150
Collector−Emitter Saturation Voltage (Note 3)
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
0.6
Vdc
Base−Emitter Saturation Voltage (Note 3)
(IC = 1.0 Adc, IB = 0.1 Adc)
VBE(sat)
1.3
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
VBE(on)
1.3
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 100 kHz)
Cob
100
pF
Small−Signal Current Gain
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: PW
≈ 300 ms, Duty Cycle ≈ 2.0%.


Número de pieza similar - 2N4922G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4922G ONSEMI-2N4922G Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
2N4922G ONSEMI-2N4922G Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
More results

Descripción similar - 2N4922G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
BD135G ONSEMI-BD135G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_13 Datasheet
194Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4921 NJSEMI-2N4921 Datasheet
151Kb / 1P
   MEDIUM-POWER PLASTIC NPN SILICON TRANSISTORS
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
   Plastic NPN Silicon Medium-Power Transistors
logo
Micro Commercial Compon...
TIP100 MCC-TIP100_11 Datasheet
249Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD435G ONSEMI-BD435G Datasheet
84Kb / 4P
   Plastic Medium-Power Silicon NPN Transistors
December, 2013 ??Rev. 17
logo
Micro Commercial Compon...
TIP100 MCC-TIP100 Datasheet
167Kb / 4P
   NPN Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com