Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7380PBF-1 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7380PBF-1
Descripción Electrónicos  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7380PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7380PBF-1 Datasheet HTML 1Page - International Rectifier IRF7380PBF-1 Datasheet HTML 2Page - International Rectifier IRF7380PBF-1 Datasheet HTML 3Page - International Rectifier IRF7380PBF-1 Datasheet HTML 4Page - International Rectifier IRF7380PBF-1 Datasheet HTML 5Page - International Rectifier IRF7380PBF-1 Datasheet HTML 6Page - International Rectifier IRF7380PBF-1 Datasheet HTML 7Page - International Rectifier IRF7380PBF-1 Datasheet HTML 8Page - International Rectifier IRF7380PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Applications
l High frequency DC-DC converters
Notes
 through † are on page 9
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
IRF7380TRPbF-1
VDS
80
V
RDS(on) max
(@VGS = 10V)
73
Qg (typical)
15
nC
ID
(@TA = 25°C)
3.6
A
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
h
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
42
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
f
–––
62.5
Max.
3.6
2.9
29
80
± 20
0.02
2.3
2.0
-55 to + 150
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
Form
Quantity
IRF7380PbF-1
SO-8
Tape and Reel
4000
IRF7380TRPbF-1
Package Type
Standard Pack
Orderable Part Number
Base Part Number


Número de pieza similar - IRF7380PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF Datasheet
136Kb / 8P
   HEXFET짰Power MOSFET
IRF7380PBF IRF-IRF7380PBF Datasheet
229Kb / 8P
   High frequency DC-DC converters Lead-Free
IRF7380PBF IRF-IRF7380PBF Datasheet
232Kb / 8P
   High frequency DC-DC converters
IRF7380PBF IRF-IRF7380PBF_08 Datasheet
229Kb / 8P
   High frequency DC-DC converters Lead-Free
IRF7380PBF IRF-IRF7380PBF_15 Datasheet
232Kb / 8P
   High frequency DC-DC converters
More results

Descripción similar - IRF7380PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com