Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7420PBF-1 Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRF7420PBF-1
Descripción Electrónicos  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7420PBF-1 Datasheet(HTML) 7 Page - International Rectifier

  IRF7420PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7420PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF7420PbF-1
Fig 15. Typical Vgs(th) Vs.
Junction Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ID = -250μA
Fig 16
. Typical Power Vs. Time
0.0001 0.0010 0.0100 0.1000 1.0000 10.0000 100.0000
Time (sec)
0
50
100
150
200
250
300
350
400


Número de pieza similar - IRF7420PBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7420PBF IRF-IRF7420PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF IRF-IRF7420PBF Datasheet
159Kb / 9P
   Ultra Low On-Resistance
IRF7420PBF IRF-IRF7420PBF_15 Datasheet
159Kb / 9P
   Ultra Low On-Resistance
More results

Descripción similar - IRF7420PBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com