Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7456PBF-1 Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7456PBF-1
Descripción Electrónicos  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7456PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7456PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7456PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7456PbF-1
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 20, 2013
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
44
–––
–––
S
VDS = 10V, ID = 16A
Qg
Total Gate Charge
–––
41
62
ID = 16A
Qgs
Gate-to-Source Charge
–––
9.7
15
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
18
27
VGS = 5.0V,
ƒ
td(on)
Turn-On Delay Time
–––
20
–––
VDD = 10V
tr
Rise Time
–––
25
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
50
–––
RG = 6.0
Ω
tf
Fall Time
–––
52
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 3640 –––
VGS = 0V
Coss
Output Capacitance
––– 1570 –––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
330
–––
pF
ƒ = 1.0MHz
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Ω
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.024 –––
V/°C Reference to 25°C, ID = 1mA
––– 0.00470.0065
VGS = 10V, ID = 16A
ƒ
––– 0.00570.0075
VGS = 4.5V, ID = 13A
ƒ
––– 0.011 0.020
VGS = 2.8V, ID = 3.5A
ƒ
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
VDS = VGS, ID = 250μA
–––
–––
20
μA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 12V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -12V
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
250
mJ
IAR
Avalanche Current

–––
16
A
EAR
Repetitive Avalanche Energy

–––
0.25
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.2
V
TJ = 25°C, IS = 2.5A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
48
72
ns
TJ = 25°C, IF = 2.5A
Qrr
Reverse RecoveryCharge
–––
74
110
nC
di/dt = 100A/μs
ƒ
Diode Characteristics
2.5
130
A


Número de pieza similar - IRF7456PBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7456PBF IRF-IRF7456PBF Datasheet
174Kb / 8P
   SMPS MOSFET
IRF7456PBF IRF-IRF7456PBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
More results

Descripción similar - IRF7456PBF-1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com