Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7501PBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF7501PBF
Descripción Electrónicos  Ulrtra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7501PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7501PBF Datasheet HTML 1Page - International Rectifier IRF7501PBF Datasheet HTML 2Page - International Rectifier IRF7501PBF Datasheet HTML 3Page - International Rectifier IRF7501PBF Datasheet HTML 4Page - International Rectifier IRF7501PBF Datasheet HTML 5Page - International Rectifier IRF7501PBF Datasheet HTML 6Page - International Rectifier IRF7501PBF Datasheet HTML 7Page - International Rectifier IRF7501PBF Datasheet HTML 8Page - International Rectifier IRF7501PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7501PbF
4
www.irf.com
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80 100 120 140 160
J
T , Junction Temperature (°C)
A
V
= 4.5V
GS
I = 1.7A
D
0.0
0.2
0.4
0.6
0.8
02
46
A
I , Drain Current (A)
D
V
= 2.5V
GS
V
= 5.0V
GS
0.05
0.07
0.09
0.11
0.13
234
5
678
A
GS
V
, Gate-to-Source Voltage (V)
I
= 2.4A
D


Número de pieza similar - IRF7501PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
More results

Descripción similar - IRF7501PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com