Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7509PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7509PBF
Descripción Electrónicos  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7509PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7509PBF Datasheet HTML 1Page - International Rectifier IRF7509PBF Datasheet HTML 2Page - International Rectifier IRF7509PBF Datasheet HTML 3Page - International Rectifier IRF7509PBF Datasheet HTML 4Page - International Rectifier IRF7509PBF Datasheet HTML 5Page - International Rectifier IRF7509PBF Datasheet HTML 6Page - International Rectifier IRF7509PBF Datasheet HTML 7Page - International Rectifier IRF7509PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7509PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 30
—
—
VGS = 0V, ID = 250µA
P-Ch -30
—
—
VGS = 0V, ID = -250µA
N-Ch — 0.059 —
Reference to 25°C, ID = 1mA
P-Ch — -0.039 —
Reference to 25°C, ID = -1mA
— 0.09 0.110
VGS = 10V, ID = 1.7A „
— 0.14 0.175VGS = 4.5V, ID = 0.85A „
— 0.17 0.20
VGS = -10V, ID =-1.2A „
— 0.30 0.40
VGS = -4.5V, ID =-0.6A „
N-Ch 1.0
—
—
VDS = VGS, ID = 250µA
P-Ch -1.0 —
—
VDS = VGS, ID = -250µA
N-Ch 1.9
—
—
VDS = 10V, ID = 0.85A „
P-Ch 0.92 —
—
VDS = -10V, ID = -0.6A
„
N-Ch —
—
1.0
VDS = 24 V, VGS = 0V
P-Ch —
— -1.0
VDS = -24V, VGS = 0V
N-Ch —
—
25VDS = 24 V, VGS = 0V, TJ = 125°C
P-Ch —
—
-25VDS = -24V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P ––
— ±100
VGS = ± 20V
N-Ch ––
7.8
12
P-Ch —
7.511
N-Ch ––
1.2 1.8
P-Ch —
1.3 1.9
N-Ch ––
2.53.8
P-Ch —
2.53.7
N-Ch —
4.7
—
P-Ch —
9.7
—
N-Ch —
10
—
P-Ch —
12
—
N-Ch —
12
—
P-Ch —
19
—
N-Ch —
5.3
—
P-Ch —
9.3
—
N-Ch —
210
—
P-Ch —
180
—
N-Ch —
80
—
pF
P-Ch —
87
—
N-Ch —
32
—
P-Ch —
42
—
V(BR)DSS
Drain-to-SourceBreakdownVoltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
ForwardTransconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 21 )
Notes:
‚ N-Channel ISD ≤ 1.7A, di/dt ≤ 120A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -1.2A, di/dt ≤ 160A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
— 1.25
P-Ch —
— -1.25
N-Ch —
—
21
P-Ch —
—
-16
N-Ch —
—
1.2
TJ = 25°C, IS = 1.7A, VGS = 0V ƒ
P-Ch —
— -1.2
TJ = 25°C, IS = -1.8A, VGS = 0V ƒ
N-Ch —
40
60
P-Ch —
30
45
N-Ch —
48
72
P-Ch —
37
55
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
V
S
µA
nC
ns
N-Channel
ID = 1.7A, VDS = 24V, VGS = 10V
„
P-Channel
ID = -1.2A, VDS = -24V, VGS = -10V
N-Channel
VDD = 15V, ID = 1.7A, RG = 6.1Ω,
RD = 8.7Ω
„
P-Channel
VDD = -15V, ID = -1.2A, RG = 6.2Ω,
RD = 12Ω
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
ƒ
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.7A, di/dt = 100A/µs
P-Channel
ƒ
TJ = 25°C, IF = -1.2A, di/dt = -100A/µs
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 10sec.


Número de pieza similar - IRF7509PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7509PBF IRF-IRF7509PBF Datasheet
241Kb / 8P
   HEXFET짰Power MOSFET
IRF7509PBF IRF-IRF7509PBF Datasheet
247Kb / 8P
   Generation V Technology
logo
Infineon Technologies A...
IRF7509PBF INFINEON-IRF7509PBF Datasheet
247Kb / 8P
   Generation V Technology
6/15/04
logo
International Rectifier
IRF7509PBF-1 IRF-IRF7509PBF-1 Datasheet
243Kb / 8P
   Industry-standard pinout Micro-8 Package
IRF7509PBF-1 IRF-IRF7509PBF-1_15 Datasheet
243Kb / 8P
   Industry-standard pinout Micro-8 Package
More results

Descripción similar - IRF7509PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com