Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5655G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 2N5655G
Descripción Electrónicos  Plastic NPN Silicon High-Voltage Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5655G Datasheet(HTML) 4 Page - ON Semiconductor

  2N5655G Datasheet HTML 1Page - ON Semiconductor 2N5655G Datasheet HTML 2Page - ON Semiconductor 2N5655G Datasheet HTML 3Page - ON Semiconductor 2N5655G Datasheet HTML 4Page - ON Semiconductor 2N5655G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5655G, 2N5657G
http://onsemi.com
4
1.0
10
IC, COLLECTOR CURRENT (mA)
0.8
0.6
0.4
0
20
50
100
200 300
500
VBE(sat) @ IC/IB = 10
0.2
30
VBE @ VCE = 10 V
VCE(sat) @ IC/IB = 10
IC/IB = 5.0
TJ = + 25°C
Figure 5. “On” Voltages
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
10
2.0
5.0
10
20
50
100
0.2
0.5
1.0
200
70
50
30
Cib
Cob
100
20
TJ = + 25°C
Figure 6. Capacitance
10
1.0
Figure 7. Turn−On Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
0.01
2.0
5.0
10
20
50
100
500
0.05
0.02
200
tr
IC/IB = 10
VCC = 300 V, VBE(off) = 2.0 V
(2N5657, only)
VCC = 100 V, VBE(off) = 0 V
td
10
1.0
Figure 8. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
2.0
5.0
10
20
50
100
500
200
ts
IC/IB = 10
tf
VCC = 100 V
VCC = 300 V
(Type 2N5657, only)


Número de pieza similar - 2N5655G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5655G ONSEMI-2N5655G Datasheet
80Kb / 5P
   Plastic NPN Silicon High?뭋oltage Power Transistor
October, 2006 ??Rev. 9
More results

Descripción similar - 2N5655G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CJD3439 CDIL-CJD3439 Datasheet
573Kb / 4P
   NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5657 NJSEMI-2N5657 Datasheet
136Kb / 1P
   PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTORS
logo
Continental Device Indi...
MJD148 CDIL-MJD148 Datasheet
596Kb / 5P
   NPN SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com