Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC4027T-TL-E Datasheet(PDF) 4 Page - ON Semiconductor

No. de Pieza. 2SC4027T-TL-E
Descripción  Bipolar Transistor Converters, inverters, color TV audio output
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

2SC4027T-TL-E Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1552 / 2SC4027
No.2262-4/7
Cob -- VCB
Collector to Base Voltage, VCB -- V
100
10
5
3
2
7
5
3
2
3
25
7
3
25
7
0.01
0.1
2
1.0
ITR03977
ITR03978
10
100
7
5
3
2
7
5
3
3
25
7
3
25
7
1.0
10
100
2SA1552 / 2SC4027
VCE=10V
2SC4027
2SA1552
2SA1552 / 2SC4027
f=1MHz
2SC4027
2SA1552
For PNP minus sign is omitted.
For PNP minus sign is omitted.
f T -- IC
Collector Current, IC -- A
2
3
2
3
5
7
3
5
7
--1000
--100
2
--0.1
--0.01
57
72
3
--1.0
57
23
23
ITR03979
2SA1552
IC / IB=10
Ta=75°C
--25°C
25°
C
2
3
2
3
5
7
3
5
7
1000
100
2
0.1
0.01
57
72
3
1.0
57
23
2
3
ITR03980
2SC4027
IC / IB=10
Ta=75
°C
--25
°C
25
°C
1.0
2
3
5
0.1
0.01
3
2
5
3
2
5
5
57
2
5
37
2
5
37
1.0
10
2
100
ITR03983
2SA1552 / 2SC4027
ITR03982
IT10480
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
5
23
7
52
3
--0.1
--1.0
ITR03981
2SA1552
IC / IB=10
2SC4027
IC / IB=10
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1552 / 2SC4027
Ta=--25°C
75
°C
25
°C
IC=1.5A
ICP=2.5A
1ms
DC
operation
(T
a=25
°C)
Ta= --25
°C
75
°C
25
°C
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
5
23
7
52
3
0.1
1.0
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
S O A
Tc=25
°C
Single Pulse
For PNP minus sign is omitted.
PC -- Ta
Collector to Emitter Voltage, VCE -- V
N
o heat
sink
Ambient Temperature, Ta --
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn