Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTD1028 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KTD1028
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1028 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD1028_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1028_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 3. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD1028
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
HIGH CURRENT APPLICATION.
FEATURES
High DC Current Gain
: hFE=800
3200 (VCE=5.0V, IC=300mA).
Wide Area of Safe Operation.
Low Collector Saturation Voltage.
: VCE(sat)=0.17V (IC=500mA, IB=5.0mA).
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
8
V
Collector Current
IC
1.0
A
Base Current
IB
200
mA
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=8V, IC=0
-
-
100
nA
DC Current Gain
hFE(1) (Note)
VCE=5.0V, IC=300mA
800
1500
3200
hFE(2)
VCE=5.0V, IC=1.0A
400
-
-
Collector-Emitter Saturration Voltage
VCE(sat)
IC=500mA, IB=5.0mA
-
0.17
0.30
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=5.0mA
-
0.80
1.2
V
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
-
18
30
pF
Transition Frequency
fT
VCE=10V, IC=500mA
150
250
-
MHz
Base-Emitter Voltage
VBE
VCE=5V, IC=100mA
-
630
700
mV
Note: hFE Classification
A:800
1600,
B:1200
2400,
C:2000
3200


Número de pieza similar - KTD1028_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTD1028V KEC-KTD1028V Datasheet
363Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (INDUSTRIAL USE HIGH CURRENT)
KTD1028 KEC-KTD1028_08 Datasheet
311Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - KTD1028_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com