Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCCM1206M102GTAR Datasheet(PDF) 1 Page - AVX Corporation

No. de pieza LCCM1206M102GTAR
Descripción Electrónicos  LCCM Series ??Chip Common Mode Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

LCCM1206M102GTAR Datasheet(HTML) 1 Page - AVX Corporation

  LCCM1206M102GTAR Datasheet HTML 1Page - AVX Corporation LCCM1206M102GTAR Datasheet HTML 2Page - AVX Corporation LCCM1206M102GTAR Datasheet HTML 3Page - AVX Corporation LCCM1206M102GTAR Datasheet HTML 4Page - AVX Corporation LCCM1206M102GTAR Datasheet HTML 5Page - AVX Corporation LCCM1206M102GTAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
Chip Inductors
LCCM Series – Chip Common Mode Filter
FEATURES
• Small wire wound chip inductor with ferrite core and 2 common
mode lines.
• Highly effective in noise suppression
• High common-mode impedance at noise band an low
differential mode impedance at signal band factor. There is
almost no distortion in high-speed signals.
• Operating temperature -40°C ~ 85°C.
APPLICATIONS
• EMI suppression for electronic devices.
• USB line in personal computers and peripherals.
• IEEE 1394 line for personal computers, DVC, and STB
• LCD Panels.
• Low-Voltage Differential Signal (LVDS)
CONSTRUCTION
DIMENSIONS
A
E
E
F
B
G
C
K
K
H
I
I
J
Type
Size
AB
C
E
F
G
H
I
J
K
Weight (g)
(inch)
(1000pcs)
LCCM0805
0805
2.00 ± 0.20
1.20 ± 0.20
1.20 ± 0.20
0.45
1.20
0.40
0.80
0.40
0.40
0.90
19
(0.079 ± 0.008)
(0.047 ± 0.008)
(0.047 ± 0.008)
(0.018)
(0.047)
(0.016)
(0.031)
(0.016)
(0.016)
(0.035)
LCCM1206
1206
3.20 ± 0.20
1.60 ± 0.20
1.80 ± 0.20
0.60
2.00
0.60
1.60
0.60
0.40
1.05
53.3
(0.126 ± 0.008) (0.063 ± 0.008)
(0.071 ± 0.008)
(0.024)
(0.079)
(0.024)
(0.063)
(0.024)
(0.016)
(0.041)
mm (inches)
LC
Family
LC = Chip Inductor
CM
Series
CM = Common Mode
0805
Size
0805
1206
M
Tolerance
M = 20%
R
Packaging
R = 7" Reel
101
Impedance
100 = 10 Ω
101 = 100 Ω
102 = 1000 Ω
G
Style
G = Standard
T
Termination
T = Sn Plating
A
Special
A = Standard
HOW TO ORDER
Terminal
Ferrite
Enamel-insulated
Wire


Número de pieza similar - LCCM1206M102GTAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
logo
HolyStone International
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
   Large Size NP0 & X7R MLCC Capacitors
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
logo
List of Unclassifed Man...
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
   LCD Character Module 16 x 2
More results

Descripción similar - LCCM1206M102GTAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
SCL-2M2012-700JT SUMIDA-SCL-2M2012-700JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCM-2M3216-700 SUMIDA-SCM-2M3216-700 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com