Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9362PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF9362PBF
Descripción Electrónicos  Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9362PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9362PBF_15 Datasheet HTML 1Page - International Rectifier IRF9362PBF_15 Datasheet HTML 2Page - International Rectifier IRF9362PBF_15 Datasheet HTML 3Page - International Rectifier IRF9362PBF_15 Datasheet HTML 4Page - International Rectifier IRF9362PBF_15 Datasheet HTML 5Page - International Rectifier IRF9362PBF_15 Datasheet HTML 6Page - International Rectifier IRF9362PBF_15 Datasheet HTML 7Page - International Rectifier IRF9362PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
11/18/10
IRF9362PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 96312A
Applications
Charge and Discharge Switch for Notebook PC Battery Application
SO-8
Features and Benefits
Features
Resulting Benefits
Industry-Standard SO-8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
results in
Note
Form
Quantity
IRF9362PbF
SO8
Tube/Bulk
95
IRF9362TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
A
W
°C
Max.
-8.0
-6.4
-64
±20
-30
-55 to + 150
2.0
0.016
1.3
VDS
-30
V
RDS(on) max
(@VGS = -10V)
21.0
m
RDS(on) max
(@VGS = -4.5V)
32.0
m
Qg (typical)
13
nC
ID
(@TA = 25°C)
-8.0
A
6
* 

6 
* 
'
'


'

'

Top View


Número de pieza similar - IRF9362PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9362PBF IRF-IRF9362PBF_1 Datasheet
292Kb / 8P
   HEXFETPower MOSFET Industry-Standard SO-8 Package
More results

Descripción similar - IRF9362PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9358PBF IRF-IRF9358PBF_15 Datasheet
280Kb / 8P
   Industry-Standard SO-8 Package
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
   Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
   Industry-Standard SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com