Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9383MPBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF9383MPBF
Descripción Electrónicos  Isolation Switch for Input Power or Battery Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF9383MPBF_15 Datasheet HTML 2Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 3Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 4Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 5Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 6Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 7Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 8Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 9Page - International Rectifier IRF9383MPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
6
IRF9383MPbF
Fig 17a. Gate Charge Test Circuit
Fig 17b. Gate Charge Waveform
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
Fig 19b. Switching Time Waveforms
Fig 19a. Switching Time Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
S
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-VGS
VDS
-VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
tp
V(BR)DSS
IAS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf


Número de pieza similar - IRF9383MPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTRPBF IRF-IRF9383MTRPBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Descripción similar - IRF9383MPBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com