Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


IRF9388PBF Datasheet(Hoja de datos) 3 Page - International Rectifier

No. de Pieza. IRF9388PBF
Descripción  Industry-Standard SO8 Package
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

   
 3 page
background image
IRF9388PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.8V
BOTTOM
-2.5V
≤60μs PULSE WIDTH
Tj = 25°C
-2.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
-10V
-5.0V
-4.5V
-4.0V
-3.5V
-3.0V
-2.8V
BOTTOM
-2.5V
≤60μs PULSE WIDTH
Tj = 150°C
-2.5V
1.0
2.0
3.0
4.0
5.0
6.0
-VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
VDS = -10V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = -12A
VGS = -10V
1
10
100
-V DS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
8
16
24
32
40
48
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -24V
VDS= -15V
VDS= -6.0V
ID= -9.6A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl