Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5227A Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza 2SC5227A
Descripción Electrónicos  RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5227A Datasheet(HTML) 7 Page - ON Semiconductor

  2SC5227A Datasheet HTML 1Page - ON Semiconductor 2SC5227A Datasheet HTML 2Page - ON Semiconductor 2SC5227A Datasheet HTML 3Page - ON Semiconductor 2SC5227A Datasheet HTML 4Page - ON Semiconductor 2SC5227A Datasheet HTML 5Page - ON Semiconductor 2SC5227A Datasheet HTML 6Page - ON Semiconductor 2SC5227A Datasheet HTML 7Page - ON Semiconductor 2SC5227A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC5227A
No. A1063-7/8
Outline Drawing
Land Pattern Example
2SC5227A-4-TB-E, 2SC5227A-5-TB-E
Mass (g) Unit
0.013
* For reference mm
Unit: mm
0.95
0.95
0.8


Número de pieza similar - 2SC5227A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5227A SANYO-2SC5227A Datasheet
69Kb / 6P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A-5-TB-E ONSEMI-2SC5227A-5-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
More results

Descripción similar - 2SC5227A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com