Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5227A Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2SC5227A
Descripción Electrónicos  RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5227A Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5227A Datasheet HTML 1Page - ON Semiconductor 2SC5227A Datasheet HTML 2Page - ON Semiconductor 2SC5227A Datasheet HTML 3Page - ON Semiconductor 2SC5227A Datasheet HTML 4Page - ON Semiconductor 2SC5227A Datasheet HTML 5Page - ON Semiconductor 2SC5227A Datasheet HTML 6Page - ON Semiconductor 2SC5227A Datasheet HTML 7Page - ON Semiconductor 2SC5227A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
71812 TKIM/51408AB TIIM TC-00001342 No. A1063-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5227A
RF Transistor
10V, 70mA, fT=7GHz, NPN Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low-noise
: NF=1.0dB typ (f=1GHz)
High gain
: ⏐S21e⏐
2=12dB typ (f=1GHz)
High cut-off frequency : fT=7GHz typ
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
70
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : ENA1063A
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
CP
12
3
2.9
0.95
0.4
0.1
TB
LN
R
A
N
K
2SC5227A-4-TB-E
2SC5227A-5-TB-E
3
2
1


Número de pieza similar - 2SC5227A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5227A SANYO-2SC5227A Datasheet
69Kb / 6P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A-5-TB-E ONSEMI-2SC5227A-5-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
More results

Descripción similar - 2SC5227A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com