Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5227A-4-TB-E Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2SC5227A-4-TB-E
Descripción Electrónicos  RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5227A-4-TB-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5227A-4-TB-E Datasheet HTML 1Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 2Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 3Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 4Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 5Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 6Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 7Page - ON Semiconductor 2SC5227A-4-TB-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5227A
No. A1063-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=20mA
60*
270*
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
5
7
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.75
1.2
pF
Reverse Transfer Capacitance
Cre
0.5
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=20mA, f=1GHz
9
12
dB
⏐S21e⏐
22VCE=2V, IC=3mA, f=1GHz
8
dB
Noise Figure
NF
VCE=5V, IC=7mA, f=1GHz
1.0
1.8
dB
* : The 2SC5227A is classified by 20mA hFE as follows :
Rank
3
4
5
hFE
60 to 120
90 to 180
135 to 270
Ordering Information
Device
Package
Shipping
memo
2SC5227A-4-TB-E
CP
3,000pcs./reel
Pb Free
2SC5227A-5-TB-E
CP
3,000pcs./reel
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
fT -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR08204
f=1MHz
ITR07966
f=1MHz
ITR08202
5
33
32
1.0
7
57
2
2
10
57 100
3
5
3
2
1.0
10
7
3
5
2
0.1
7
72
35
3
2
1.0
7
35
2
0.1
7
72
10
1.0
0.1
2
3
5
7
5
7
2
3
1.0
0.1
2
3
5
7
5
7
2
3
VCE=5V
ITR08203
23
3
57
7
10
1.0
7 100
5
22
7
10
1.0
5
7
5
2
3
2
VCE=5V
100
10
2
3
5
7
5
7
2
3


Número de pieza similar - 2SC5227A-4-TB-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
More results

Descripción similar - 2SC5227A-4-TB-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com