Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUJ105A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BUJ105A
Descripción Electrónicos  Silicon Diffused Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ105A Datasheet(HTML) 7 Page - NXP Semiconductors

  BUJ105A_15 Datasheet HTML 1Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 2Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 3Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 4Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 5Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 6Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 7Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 8Page - NXP Semiconductors BUJ105A_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NXP Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ105A
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.16. TO220AB; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
February 1999
6
Rev 1.000


Número de pieza similar - BUJ105A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUJ105AB PHILIPS-BUJ105AB Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
October 2001 Rev 1.000
logo
WeEn Semiconductors
BUJ105AB WEEN-BUJ105AB Datasheet
460Kb / 9P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BUJ105AB PHILIPS-BUJ105AB_15 Datasheet
150Kb / 9P
   Silicon Diffused Power Transistor
October 2001
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
   Silicon diffused power transistor
Rev. 01-14 December 2004
logo
WeEn Semiconductors
BUJ105AD WEEN-BUJ105AD Datasheet
1Mb / 10P
   Silicon diffused power transistor
More results

Descripción similar - BUJ105A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com