Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5646A Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza 2SC5646A
Descripción Electrónicos  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A Datasheet(HTML) 7 Page - ON Semiconductor

  2SC5646A Datasheet HTML 1Page - ON Semiconductor 2SC5646A Datasheet HTML 2Page - ON Semiconductor 2SC5646A Datasheet HTML 3Page - ON Semiconductor 2SC5646A Datasheet HTML 4Page - ON Semiconductor 2SC5646A Datasheet HTML 5Page - ON Semiconductor 2SC5646A Datasheet HTML 6Page - ON Semiconductor 2SC5646A Datasheet HTML 7Page - ON Semiconductor 2SC5646A Datasheet HTML 8Page - ON Semiconductor 2SC5646A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC5646A
No. A1120-7/9
Embossed Taping Specification
2SC5646A-TL-H


Número de pieza similar - 2SC5646A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
More results

Descripción similar - 2SC5646A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
   NPN Single SSFP RF Transistor
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com