Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

15GN01CA Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. 15GN01CA
Descripción  RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

15GN01CA Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
72512 TKIM/O2809AB TKIM TC-00002114 No. A1098-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
15GN01CA
RF Transistor
8V, 50mA, fT=1.5GHz, NPN Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Small ON-resistance [Ron=2Ω (IB=3mA)]
Small output capacitance [Cob=1.2pF (VCB=10V)]
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
8V
Emitter-to-Base Voltage
VEBO
3V
Collector Current
IC
50
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : ENA1098A
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
CP
12
3
2.9
0.95
0.4
0.1
TB
ZX
15GN01CA-TB-E
3
2
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn