Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

15GN01CA Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. 15GN01CA
Descripción  RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

15GN01CA Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
15GN01CA
No. A1098-3/7
PC -- Ta
1
2
4
3
6
5
7
8
9
10
0.1
23
5
7
23
5
1.0
Ron -- IB
Base Current, IB -- mA
Ambient Temperature, Ta --
°C
IT05403
f=10kHz
IN
OUT
1kΩ
10kΩ
IB
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
IT06740
3
1.0
57
2
3
57
10
23
5
7
2
3
5
7
0.1
2
0.01
Collector Current, IC -- mA
IT06249
VCE(sat) -- IC
IC / IB=10
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
f T -- IC
Collector Current, IC -- mA
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
0.1
23
5
7
1.0
23
5
7
10
3
5
7
2
3
5
1.0
IT06739
f=1MHz
2
3
5
5
7
1.0
2
3
1.0
23
5
7
2
3
5
7
10
100
IT06737
VCE=5V
0.1
23
5
5
72
3
7
1.0
10
5
7
2
5
3
1.0
IT06738
f=1MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn