Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH3007 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MCH3007
Descripción Electrónicos  RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH3007 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MCH3007 Datasheet HTML 2Page - ON Semiconductor MCH3007 Datasheet HTML 3Page - ON Semiconductor MCH3007 Datasheet HTML 4Page - ON Semiconductor MCH3007 Datasheet HTML 5Page - ON Semiconductor MCH3007 Datasheet HTML 6Page - ON Semiconductor MCH3007 Datasheet HTML 7Page - ON Semiconductor MCH3007 Datasheet HTML 8Page - ON Semiconductor MCH3007 Datasheet HTML 9Page - ON Semiconductor MCH3007 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MCH3007
No. A1925-6/12
S Parameters (Common emitter)
VCE=5V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.792
-17.6
14.870
159.5
0.013
88.0
0.957
-11.5
200
0.754
-27.7
13.544
145.4
0.022
77.9
0.892
-21.2
300
0.642
-48.6
12.776
132.5
0.030
77.7
0.815
-28.1
400
0.601
-58.2
11.567
124.3
0.037
75.8
0.751
-33.7
500
0.489
-79.8
10.460
111.9
0.045
75.0
0.677
-39.6
600
0.452
269.8
9.468
105.4
0.053
75.3
0.632
-42.7
700
0.410
258.3
8.253
98.9
0.060
75.7
0.592
-46.4
800
0.380
249.3
7.358
94.0
0.067
76.0
0.556
-49.3
900
0.359
241.6
6.641
89.8
0.075
76.4
0.530
-51.8
1000
0.338
234.7
6.018
86.3
0.082
76.6
0.503
-54.1
1200
0.310
222.9
5.069
80.2
0.097
77.1
0.470
-57.7
1400
0.294
213.1
4.384
75.2
0.112
77.4
0.450
-60.0
1600
0.280
204.7
3.871
70.7
0.129
77.5
0.441
-62.1
1800
0.270
196.8
3.472
66.6
0.145
77.4
0.433
-63.8
2000
0.262
189.2
3.157
62.8
0.162
77.1
0.429
-65.6
2200
0.254
182.2
2.905
59.2
0.181
76.8
0.432
-67.6
2400
0.253
176.0
2.700
55.5
0.199
75.9
0.435
-70.7
2600
0.246
169.6
2.514
52.1
0.218
75.2
0.435
-72.9
2800
0.247
165.1
2.381
49.1
0.239
74.5
0.445
-74.5
3000
0.258
159.8
2.273
45.3
0.263
72.9
0.462
-78.3
VCE=5V, IC=15mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.691
-25.3
18.098
155.5
0.011
81.7
0.936
-12.7
200
0.628
-41.7
16.001
139.7
0.020
76.6
0.847
-22.0
300
0.505
-68.7
14.151
123.7
0.027
76.2
0.766
-27.6
400
0.452
-83.3
12.511
114.0
0.033
77.5
0.706
-31.7
500
0.394
256.4
10.390
103.8
0.040
77.5
0.640
-36.6
600
0.376
245.9
9.124
98.0
0.047
78.9
0.604
-38.8
700
0.360
235.9
7.856
92.7
0.054
79.7
0.573
-41.9
800
0.350
227.5
6.939
88.5
0.062
80.6
0.545
-44.5
900
0.342
220.8
6.231
84.9
0.069
81.0
0.526
-46.7
1000
0.333
214.6
5.620
81.6
0.077
81.4
0.504
-48.7
1200
0.322
204.2
4.714
76.0
0.092
82.0
0.481
-52.4
1400
0.318
195.8
4.071
71.3
0.109
82.3
0.469
-55.0
1600
0.312
188.4
3.591
67.0
0.125
82.2
0.466
-57.4
1800
0.308
181.5
3.219
62.9
0.143
82.0
0.463
-59.6
2000
0.307
175.0
2.925
59.1
0.162
81.6
0.463
-62.0
2200
0.304
168.7
2.690
55.4
0.181
81.0
0.469
-64.6
2400
0.306
163.5
2.501
51.7
0.202
80.0
0.475
-68.2
2600
0.302
157.8
2.327
48.3
0.222
79.1
0.477
-70.9
2800
0.305
153.6
2.202
45.2
0.245
78.2
0.488
-73.1
3000
0.317
149.2
2.101
41.4
0.271
76.3
0.508
-77.4


Número de pieza similar - MCH3007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
More results

Descripción similar - MCH3007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5415A ONSEMI-2SC5415A Datasheet
296Kb / 8P
   RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
logo
Diodes Incorporated
ZXTR2012Z DIODES-ZXTR2012Z Datasheet
337Kb / 7P
   100V INPUT, 12V 30mA REGULATOR TRANSISTOR
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com