Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMUN2114T1G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza SMUN2114T1G
Descripción Electrónicos  PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN2114T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SMUN2114T1G Datasheet HTML 2Page - ON Semiconductor SMUN2114T1G Datasheet HTML 3Page - ON Semiconductor SMUN2114T1G Datasheet HTML 4Page - ON Semiconductor SMUN2114T1G Datasheet HTML 5Page - ON Semiconductor SMUN2114T1G Datasheet HTML 6Page - ON Semiconductor SMUN2114T1G Datasheet HTML 7Page - ON Semiconductor SMUN2114T1G Datasheet HTML 8Page - ON Semiconductor SMUN2114T1G Datasheet HTML 9Page - ON Semiconductor SMUN2114T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2114, MMUN2114L, MUN5114, DTA114YE, DTA114YM3, NSBA114YF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS
NSBA114YF3
1000
100
10
1
Figure 7. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 10. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001
01
2
3
4
Vin, INPUT VOLTAGE (V)
56
7
Figure 11. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55°C
150°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
25°C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25°C
150°C
−55°C
7
010
20
30
40
50
100
10
1
0.1
150°C
−55°C
6
5
4
3
2
1
0
11
10
11
12


Número de pieza similar - SMUN2114T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMUN2114T1G ONSEMI-SMUN2114T1G Datasheet
147Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 1
SMUN2114T1G ONSEMI-SMUN2114T1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results

Descripción similar - SMUN2114T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2130 ONSEMI-MUN2130_15 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com