Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDS112E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KDS112E
Descripción Electrónicos  SILICON EPITAXIAL TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS112E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS112E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS112E_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 3. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS112E
SILICON EPITAXIAL TYPE DIODE
Revision No : 2
VHF TUNER BAND SWITCH APPLICATIONS.
FEATURES
Small Package.
Small Total Capacitance : C
T=1.2pF(Max.).
Low Series Resistance : r
S=0.6Ω(Typ.).
MAXIMUM RATING (Ta=25
℃)
1. ANODE 1
2. ANODE 2
3. CATHODE
3
2
1
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.20
0.85 0.10
0.70 0.10
1.60 0.10
0.39 0.10
C
F
1
3
2
E
B
FF
D
J
+
_
+
_
+
_
+
_
0.27 0.10
+
_
+
_
1.00 0.10
0.50
0.13 0.05
G
H
J
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Forward Current
IF
50
mA
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55
~125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=2mA
-
-
0.85
V
Reverse Current
IR
VR=15V
-
-
0.1
μA
Reverse Voltage
VR
IR=1μ
A
30
-
-
V
Total Capacitance
CT
VR=6V, f=1MHz
-
0.8
1.2
pF
Series Resistance
rs
IF=2mA, f=100MHz
-
0.6
0.9
Marking
B F


Número de pieza similar - KDS112E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDS112E KEC-KDS112E Datasheet
25Kb / 1P
   ESM PACKAGE
More results

Descripción similar - KDS112E_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDS112V KEC-KDS112V Datasheet
67Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120V KEC-KDS120V_15 Datasheet
34Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
KDS112 KEC-KDS112_15 Datasheet
352Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_08 Datasheet
42Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120 KEC-KDS120_15 Datasheet
528Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120E KEC-KDS120E_15 Datasheet
356Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
KDS120V KEC-KDS120V Datasheet
68Kb / 1P
   SILICON EPITAXIAL TYPE DIODE
BAW56T KEC-BAW56T Datasheet
40Kb / 2P
   SILICON EPITAXIAL TYPE DIODE
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com