Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDV154 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KDV154
Descripción Electrónicos  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV154 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV154_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDV154_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 3. .31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV154
Revision No : 6
TV VHF,UHF TUNER AFC VCO FOR UHF BAND RADIO.
MAXIMUM RATING (Ta=25
℃)
1. ANODE
2. CATHODE
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.2
1.25 0.05
0.90 0.05
1.70 0.05
0.126 0.03
0~0.1
0.15 0.05
0.4
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
H
+
_
+
_
+
_
+
_
0.30 0.06
+
_
0.27 0.10
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
20
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1μ
A
20
-
-
V
Reverse Current
IR
VR=20V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
13.90
-
16.10
pF
Capacitance
C10V
VR=10V, f=1MHz
4.5
-
6.0
pF
Capacitance Ratio
C2V/20V
2.5
-
-
Series Resistance
rS
VR=5V, f=470MHz
-
-
0.6
GRADE
CAPACITANCE(C2V)
UNIT
A
13.90
~15.00
pF
B
14.50
~15.40
C
14.90
~15.90
D
15.40
~16.10
Grade
Marking
A
Type Name
Lot No.
CLASSIPICATION OF CAPACITANCE GRADE


Número de pieza similar - KDV154_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDV154E KEC-KDV154E Datasheet
25Kb / 1P
   ESC PACKAGE
KDV154E KEC-KDV154E_15 Datasheet
441Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV154 KEC-KDV154_08 Datasheet
349Kb / 1P
   USC PACKAGE
More results

Descripción similar - KDV154_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com